PART |
Description |
Maker |
HT66F0311 HT68F04 HT68F03 |
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
HT66F03 HT66F04 HT68F03 HT68F04 |
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
ADUC814 ADUC814ARU ADUC814ARU-REEL ADUC814ARU-REEL |
MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU MicroConverter Small Package 12-Bit ADC with Embedded Flash MCU
|
AD[Analog Devices]
|
S29PL129J S29PL032J S29PL064J S29PL127J70 S29PL127 |
CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 3.0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 8M X 16 FLASH 3V PROM, 60 ns, PDSO56
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
RQ5RW RQ5RW29BA RQ5RW28AB-TR RQ5RW29AB-TR RQ5RW24A |
FAN 24VDC BISCUIT BD24A3 LED Lamp; Bulb Size:T-3; LED Color:Blue; Luminous Intensity:1500ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-40 C to C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP Tantalum-Wet Miniature 6V 27.0 uF /-20% Silver can Axial , TPC - Hilton SMALL PACKAGE VOLTAGE REGULATOR FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 1.3V 3.9W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 12V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.09 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|
PIC16F84AT-04I/PQTP PIC16F84A-04/SSQTP PIC16F84AT- |
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM位微控制器的闪存 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller 18 EEPROM8位微控制器的闪存
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18LF2620-I/SP PIC18F2620ISO PIC18F4620ISO PIC18 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
LPC11E14FHN33 LPC11E12FBD48 |
32kB flash, 10kB SRAM, HVQFN32 package 16kB flash, 6kB SRAM, LQFP48 package
|
NXP Semiconductors
|
HT68F13 HT68F14 HT68F15 |
Enhanced I/O Flash Type MCU
|
Holtek Semiconductor Inc
|
LPC1774FBD208 LPC1776FBD208 LPC1778FBD208 LPC1777F |
128kB flash, 40kB SRAM, USB, LQFP208 package 256kB flash, 80kB SRAM, Ethernet, USB, LQFP208 package 512kB flash, 96kB SRAM, Ethernet, USB, LQFP208 package 512kB flash, 96kB SRAM, USB, LQFP208 package 512kB flash, 96kB SRAM, Ethernet, USB, LCD, LQFP144 package 512kB flash, 96kB SRAM, Ethernet, USB, LCD, LQFP208 package 512kB flash, 96kB SRAM, Ethernet, USB, LCD, TFBGA208 package 512kB flash, 96kB SRAM, Ethernet, USB, LQFP144 package 512kB flash, 96kB SRAM, Ethernet, USB, TFBGA208 package
|
NXP Semiconductors
|
|